PART |
Description |
Maker |
15-92-3050 15-92-3068 |
50 CKT .025 RC EBBI RECEP MS716603050 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE PCB Header; Number of Contacts:68; Pitch Spacing:0.05"; Number of Rows:2; Gender:Receptacle; Body Material:Thermoplastic; Contact Material:Copper Alloy; Contact Plating:Gold; Current Rating:1A; Housing Style:Right-Angle
|
Molex, Inc. MOLEX INC
|
19723-4203 19723-4200 19723-4102 |
.180 RECEP STRIP PLT 6M/REEL (197234203) 2 mm2, WIRE TERMINAL .180 RECEP STRIP UNPLT 6M/RL W/DIMPLE 2 mm2, WIRE TERMINAL .156 RECEP STRIP PLT 7M/REEL (197234102) 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
19723-4400 19723-4402 |
.180 RECEP STRIP UNPLT 6M/REEL (19723440 2 mm2, BRASS, WIRE TERMINAL .180 RECEP STRIP PLT 6M/REEL (197234402) 2 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
HUF76429S3S HUF76429P3 HUF76429P3NL HUF76429S3ST |
44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET Dual Differential Drivers And Receivers 16-TSSOP -40 to 85 47 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
DX1R005HN2E700 |
MINI USB CONNECTOR MINI-A RECEP. R/A SMT TYPE WITH MAYLAR TAPE
|
Japan Aviation Electronics Industry, Ltd.
|
HUFA76429P3 HUFA76429S3S HUFA76429S3ST |
44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFETPower MOSFETs 44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs 47 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
TC54 TC54VC6802EMB713 TC54VC4901ECB713 TC54VN2601E |
The TC54 Series are CMOS voltage detectors, suited especially for battery-powered applications because of their extremely low 1uA operating current and small surface-mount packaging. Each part is laser trimmed to the desired threshold volt 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Microchip
|
82C52 82CXXG-AE3-5-R 82CXXL-AE3-5-R 82C54 82C55 82 |
VOLTAGE DETECTORS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 LEAD FREE, SOT-23, 3 PIN 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 1-CHANNEL POWER SUPPLY SUPPORT CKT, BCY3
|
http:// Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
FM812 FM812TUX FM811 FM811JUX FM811LUX FM811MUX FM |
Microprocessor Reset Circuits 2.63V MP RESET CKT WITH PP-AH O/P & MR 2.93V MP RESET CKT WITH PP-AH O/P & MR 3.08V MP RESET CKT WITH PP-AH O/P & MR 3.08V MP RESET CKT WITH PP-AL O/P & MR 2.63V MP RESET CKT WITH PP-AL O/P & MR 2.93V MP RESET CKT WITH PP-AL O/P & MR
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
1-180453-2 |
Multiple Circuit Housings with Tabs & Receptacles Including FASTIN-FASTON; RECEP 8 BANDERA FASTIN-FASTON ( Tyco Electronics )
|
Tyco Electronics
|
|